PART |
Description |
Maker |
CY7C006A-12JC CY7C007A-20JC CY7C007A-12JC CY7C017A |
32K/16K x8, 32K/16K x9 Dual-Port Static RAM 16K X 9 DUAL-PORT SRAM, 12 ns, PQFP80 32K/16K x8, 32K/16K x9 Dual-Port Static RAM 32K X 9 DUAL-PORT SRAM, 15 ns, PQCC68
|
http:// Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
CY7C056V-10AC CY7C056V-10BAC CY7C056V-20AC CY7C056 |
32K X 36 DUAL-PORT STATIC RAM 3.3V 16K/32K x 36 FLEx36⑩ Asynchronous Dual-Port Static RAM 3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
|
CYPRESS[Cypress Semiconductor]
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C006AV-20AC CY7C006AV CY7C006AV-20JC CY7C006AV- |
3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
|
Cypress Semiconductor http://
|
AL5DS9XX9V AL5DS9349V AL5DS9359V AL5DS9369V AL5DS9 |
3.3V Synchronous Dual-Port SRAM 4K/8K/16K/32K/64K/128K x 8/9/16/18-bit
|
AverLogic Technologies Inc
|
CY7C016AV CY7C017AV CY7C017AV-20JI CY7C017AV-25JC |
3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM True Dual-Ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor
|
CY7C09269V-12AC CY7C09289V-9AI CY7C09379V-12AC CY7 |
Memory : Dual-Ports True Dual-Ported memory cells which allow simultaneous access of the same memory location 3.3V 16K/32K/64K x16/18 Synchronous Dual-Port Static RAM 3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM SYNC SRAM|32KX18|CMOS|QFP|100PIN|PLASTIC SYNC SRAM|64KX16|CMOS|QFP|100PIN|PLASTIC SYNC SRAM|32KX16|CMOS|QFP|100PIN|PLASTIC SYNC SRAM|16KX16|CMOS|QFP|100PIN|PLASTIC SYNC SRAM|16KX18|CMOS|QFP|100PIN|PLASTIC 同步静态存储器| 16KX18 |的CMOS | QFP封装| 100引脚|塑料
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor, Corp.
|
IDT70V07L55G IDT70V07S55G IDT70V07L55PF |
400V N-Channel MOSFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 32K X 8 DUAL-PORT SRAM, 55 ns, CPGA68 HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 55 ns, CPGA68 HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 55 ns, PQFP80
|
Integrated Device Technology, Inc.
|
CY7C016-25AI CY7C006-35AI CY7C006-55AC CY7C006-55A |
16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy 16K X 8 DUAL-PORT SRAM, 25 ns, PQCC68 16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy 16K X 9 DUAL-PORT SRAM, 25 ns, PQFP80 16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy 16K X 9 DUAL-PORT SRAM, 35 ns, PQFP80 16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy 16K X 8 DUAL-PORT SRAM, 35 ns, PQCC68 16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy 16K X 8 DUAL-PORT SRAM, 35 ns, PQFP64 16K x 9 Dual-Port Static RAM with Sem, Int, Busy( 带Sem, Int, Busyy输入端的16K x 9位双端口静态RAM) 16K x 8 Dual-Port Static RAM with Sem, Int, Busy(带SemIntBusy双端口静态RAM) From old datasheet system
|
http:// Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
709179L12PF IDT709179L 709179L12PFI 709179L7PF 709 |
32K x 9 Sync, Dual-Port SRAM, PipeLined/Flow-Through HIGH-SPEED 32K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 32K X 9 DUAL-PORT SRAM, 9 ns, PQFP100
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT70P926850BZG |
MOBILE MULTIMEDIA INTERFACE VERY LOW POWER 1.8V 16K X 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, PBGA100
|
Integrated Device Technology, Inc.
|
AT89C51RC20312 AT89C51RC2-3CSCM AT89C51RC2-3CSIM A |
Microcontroller with 16K/32K Bytes Flash
|
ATMEL Corporation http://
|